Part Number Hot Search : 
2412SE C74VH PM439 20121 TFH167A AT89C5 287RF MOC3083
Product Description
Full Text Search
 

To Download RU40220R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 www. ruichips .com ru 40 220r n - channel advanced power mosfet features pin description absolute maximum ratings 4 0 v/ 22 0 a r ds ( on ) = 2.3 m w ( typ.) @ v gs = 10 v avalanche rated reliable and rugged lead free and green devices available applications automotive applications and a wide variety of other applications high efficiency synchronous in smps high speed power switching symbol parameter rating unit common ratings ( t a =25c unless otherwise noted) v dss drain - source voltage 40 v gss gate - source voltage 2 0 v t j maximum junction temperature 175 c t stg storage temperature range - 55 to 175 c i s diode continuous forward current t c =25c 2 2 0 a mounted on large heat sink i dp 300 m s pulsed drain current tested t c =25c 80 0 t c =25c 2 2 0 i d continue drain current t c = 100 c 1 70 a t c =25c 400 p d maximum power dissipation t c = 100 c 230 w r q jc thermal resistance - junction to case 0.45 r q j a thermal resistance - junction to ambient 62.5 c/w drain - source avalan che ratings storage temperature range - 55 to 150 e as avalanche energy , single pulsed 1400 mj to - 220 to - 220f to - 263 to - 247 n - channel mosfe t
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 2 www. ruichips .com ru 40220r electrical characteristics ( t a =25 c unless otherwise noted) ru 40 220r symbol parameter test condition min. typ. max. unit static characteristics bv dss drain - source breakdown voltage v gs =0v, i ds = - 250 m a 4 0 v v ds = 4 0 v, v gs =0v 1 i dss zero gate voltage drain current t j =85 c 30 m a v gs ( th) gate threshold voltage v ds =v gs , i ds = - 250 m a 2 3 4 v i gss gate leakage current v gs = 2 0 v, v ds =0v 10 0 n a r ds ( on ) drain - source on - state resistance v gs = 10 v, i ds = 75 a 2. 3 3 m w notes : pulse width limited by safe operating area. current limited by package( limitation current is 75a ) pulse test ; p ulse width 3 00 m s, duty cycle 2% . guaranteed by design, not subject to production testing . d iode characteristics v sd diode forward voltage i sd = 75 a, v gs =0v 1. 2 v t rr reverse recovery time 7 4 ns q rr reverse recovery charge i sd = 40 a, dl sd /dt=100a/ m s 1 48 nc dynamic charact eristics r g gate resistance v gs = 0 v,v ds =0v ,f=1mhz 1.4 w c iss input capacitance 5 75 0 c oss output capacitance 1 4 00 c rss reverse transfer capacitance v gs =0v, v ds = 30 v, frequency=1.0mhz 4 8 0 pf t d ( on ) turn - on delay time 2 1 t r turn - on rise time 3 7 t d ( off ) turn - off delay time 7 5 t f turn - off fall time v dd = 35 v, r l = 35 w , i ds = 1 a, v gen = 10v, r g =6 w 1 15 ns gate charge characteristics q g total gate charge 15 4 2 18 q gs gate - source charge 4 4 q gd gate - drain charge v ds = 30 v, v gs = 10v, i ds = 40 a 4 7 nc
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 3 www. ruichips .com ru 40220r typ ical characteristics power dissipation drain current ptot - power (w) i d - drain current (a) tj - junction temperature (c) t j - junction temperature ( c) safe operation area thermal transi ent impedance i d - drain current (a) normalized effective transient v ds - drain - source voltage (v) square wave pulse duration ( sec)
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 4 www. ruichips .com ru 40220r typical characteristics output characteristics drain - source on resist ance i d - drain current (a) r ds(on) - on resistance ( m ) v ds - drain - source voltage (v) i d - drain current (a) drain - source on resistance gate threshold voltage rds(on) - on - resistanc e ( m r ) normalized threshold vlotage vgs - gate - source voltage (v) tj - junction temperature (c)
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 5 www. ruichips .com ru 40220r typical characteristics drain - source on resistance source - drain diode forward normalized on resistanc e i s - source current (a) t j - junction temperature (c) v sd - source - drain voltage (v) capacitance gate charge c - capacitance ( pf ) v gs - gate - source voltage (v) v ds - drain - source volta ge (v) q g - gate charge (nc)
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 6 www. ruichips .com ru 40220r avalanche test circuit and waveforms switching time test circuit and waveforms
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 7 www. ruichips .com ru 40220r ordering and marking information ru 40220 package (availabl e) r: to - 220 ; operating temperature range c : - 55 to 175 oc assembly material g : green & lead free device packaging t : tube tr : tape & reel
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 8 www. ruichips .com ru 40220r package information to - 220fb - 3l all dimensions refer to jedec standard do not include mold flash or protrusions mm inch mm inch symbol min nom max min nom max symbol min nom max min nom max a 4.40 4.57 4.70 0.173 0.180 0.185 ?p1 1.40 1.50 1.60 0.055 0.059 0.063 a1 1.27 1.30 1.33 0.050 0.051 0.052 e 2.54bsc 0.1bsc a2 2.35 2.40 2.50 0.093 0.094 0.098 e1 5.08bsc 0.2bs c b 0.77 - 0.90 0.030 - 0.035 h1 6.40 6.50 6.60 0.252 0.256 0.260 b2 1.23 - 1.36 0.048 - 0.054 l 12.75 - 13.17 0.502 - 0.519 c 0.48 0.50 0.52 0.019 0.020 0.021 l1 - - 3.95 - - 0.156 d 15.40 15.60 15.80 0.606 0.614 0.622 l2 2.50ref . 0.098ref . d1 9.00 9 .10 9.20 0.354 0.358 0.362 ?p 3.57 3.60 3.63 0.141 0.142 0.143 dep 0.05 0.10 0.20 0.002 0.004 0.008 q 2.73 2.80 2.87 0.107 0.110 0.113 e 9.70 9.90 10.10 0.382 0.389 0.398 1 5 7 9 5 7 9 e 1 - 8.70 - - 0.343 - 2 1 3 5 1 3 5 e 2 9.80 10.00 10. 20 0.386 0.394 0.401
c opyright ruichips semiconductor co . , ltd rev. a C apr ., 2011 9 www. ruichips .com ru 40220r customer service worldwide sales and service : sales@ru i chips.com technical s upport : technical@ruichips.com investor relations contacts : in vestor@ruichips.com marcom contact: marcom@ruichips.com editorial contact : editorial@ruichips.com hr conta c t: hr@ruichips. com legal contact: legal@ruichips.com shen zhen ruichips semiconductor co., ltd room 501, the 5floor an tong industrial bui l ding, n o.207 mei hua road fu tian area shen zhen city , chi na tel: ( 86 - 755) 8311 - 5334 f ax : (86 - 755) 8311 - 4278 e - mail: sales - sz@ruichips.com


▲Up To Search▲   

 
Price & Availability of RU40220R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X